PART |
Description |
Maker |
LN310GP LN313GP LN410YP LN413YP LN210WP LN219RP |
2.5mm x 5mm series. Lens color green diffused. 2.5mm x 5mm series. Lens color amber diffused. 2.5mm x 5mm series. Lens color white diffused. Segment 2.5mm series. Lens color red diffused.
|
Panasonic
|
BD65492MUV-E2 BD65491FV BD65491FV-E2 |
1-2ch Lens Drivers for SLRs (Single-lens Reflex)
|
Rohm
|
BD6873KN BD6753KV |
6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
|
Rohm
|
BH6456GUL BH6456GUL12 |
System Lens Driver Series for Mobile Phone Cameras 2-wire serial interface Lens Driver for Voice Coil Motor(I2C BUS compatible)
|
Rohm
|
LTC1343 LTC1343CGW LTC1343CGWTRPBF |
Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 44; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO44 Software-Selectable Multiprotocol Transceiver LINE TRANSCEIVER, PDSO44 Software-Selectable Multiprotocol Transceiver(软件可选择4收多协议收发
|
Linear Technology, Corp. Linear Technology Corporation
|
SSB-COB6363AW |
63mm x 63mm WIEW AREA, CHIPS ON BOARD LED BACKLIGHT 605mm AMBER, 100CHIPS 4.1V 500mA 63mm x 63mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 605NM AMBER, 100CHIPS 4.1V
|
LUMEX INC. List of Unclassifed Manufacturers ETC
|
SECU1401C-S SECU1401C-TG SECU1701C SECU1901C-S SEC |
3.0 ? 1.5 Surface Mount LEDs (Flat Lens Type) 3.0 × 1.5 Surface Mount LEDs (Flat Lens Type) 3x1.5 Surface Mount LED (Flat Lens) SINGLE COLOR LED, DEEP GREEN, 2 mm
|
Sanken electric
|
461-EAY2-NA9 461-EAY24H-NW9 461-EAY28H-NW9 C405-O8 |
SINGLE COLOR LED, AMBER, 9.9 mm SINGLE COLOR LED, ORANGE, 5.1 mm SINGLE COLOR LED, AMBER, 7.1 mm SINGLE COLOR LED, AMBER, 8.5 mm SINGLE COLOR LED, RED, 7.1 mm SINGLE COLOR LED, BLUE, 7.1 mm
|
Integrated Device Technology, Inc.
|
LT1991 LT1991HMS-PBF LT1991HMS-TRPBF LT1991IDD-PBF |
Precision, 100µA Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 250 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 200 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40° to 125°C OP-AMP, 160 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100μA Gain Selectable Amplifi er Precision, 100渭A Gain Selectable Amplifi er Precision, 100楼矛A Gain Selectable Amplifi er
|
Linear Technology, Corp. http://
|
OVSR9ABCR8 |
Amber Side-Emitting SMD LED (4 x 4 mm, 120隆? Viewing Angle) Amber Side-Emitting SMD LED (4 x 4 mm, 120° Viewing Angle)
|
OPTEK Technologies
|